Part Number Hot Search : 
2N5620 MPS65007 50090 C6045A SRC1212E TLE4942C LM78L 4800IN
Product Description
Full Text Search
 

To Download 1N5342B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
5 Watt ZENER DIODES (3.3V to 200V)
JEDEC D0-201AE
.330 .350 .130 .145
1.00 Min.
.040 typ.
Features
n WIDE VOLTAGE RANGE n MEETS UL SPECIFICATION 94V-0
Maximum Ratings DC Power Dissipation with TL = > = 75oC...PD Lead Length = .375 Inches Derate Above 75oC Operating & Storage Temperature Range...TJ, TSTRG
1N5333...5382 Series ............................................. 5.0 ............................................... ............................................. 4 0 ............................................... ......................................... -65 to 200 ..........................................
mW / C C
Steady State Power Derating
Maximum Power Dissipation (W)
Lead Temperature (C)
Page 12-17
1N5333...5382 Series
Units W
Description
Mechanical Dimensions
Data Sheet
1N5333...5388 Series 5 Watt ZENER DIODES (3.3V to 200V)
NOTES: 1. The JEDEC part numbers shown indicate a 5% tolerance. 2. IZ is applied for 40 + 10ms prior to reading. Mounting contacts are located .375 to .500 from the inside edge of mounting clips to the diode body. TA = 25 oC, +8, -2oC.
Electrical Characteristics @ 25 O C. Part # Jedec Type # Nominal Zener Voltage (2), VZ (V) 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 Test Current I ZT (mA) 380 350 320 290 260 240 220 200 200 175 175 150 150 150 125 125 100 100 100 75 75 70 65 65 65 50 50 50 50 50 40 40 30 30 30
Max. Zener Impedance (2)
Z ZT @ I ZT () 3.0 2.5 2.0 2.0 2.0 1.5 1.0 1.0 1.0 1.0 1.5 1.5 2.0 2.0 2.0 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3.0 3.0 3.5 3.5 4.0 5.0 6.0 8.0 10 11 14 20
ZZK @ I ZK = 1.0mA () 400 500 500 500 450 400 400 300 200 200 200 200 200 150 125 125 125 100 75 75 75 75 75 75 75 75 100 110 120 130 140 150 160 170 190
Max. Reverse Leakage Current @ VR
IR (A) 300 150 50 10 5.0 1.0 1.0 1.0 1.0 10 10 10 10 7.5 5.0 5.0 2.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
VR (V) 1 1 1 1 1 1 2 3 3 5.2 5.7 6.2 6.6 6.9 7.6 8.4 9.1 9.9 10.6 11.5 12.2 12.9 13.7 14.4 15.2 16.7 18.2 19 20.6 21.2 22.8 25.1 27.4 29.7 32.7
Max. Surge Current (3) Ir (A)
1N5333B 1N5334B 1N5335B 1N5336B 1N5337B 1N5338B 1N5339B 1N5340B 1N5341B 1N5342B 1N5343B 1N5344B 1N5345B 1N5346B 1N5347B 1N5348B 1N5349B 1N5350B 1N5351B 1N5352B 1N5353B 1N5354B 1N5355B 1N5356B 1N5357B 1N5358B 1N5359B 1N5360B 1N5361B 1N5362B 1N5363B 1N5364B 1N5365B 1N5366B 1N5367B
20 18.7 17.6 16.4 15.3 14.4 13.4 12.7 12.4 11.5 10.7 10 9.5 9.2 8.6 8.0 7.5 7.0 6.7 6.3 6.0 5.8 5.5 5.3 5.1 4.7 4.4 4.3 4.1 3.9 3.7 3.5 3.3 3.1 2.8
Page 12-18
Data Sheet
1N5333...5388 Series 5 Watt ZENER DIODES (3.3V to 200V)
NOTES: 1. The JEDEC part numbers shown indicate a 5% tolerance. 2. IZ is applied for 40 + 10ms prior to reading. Mounting contacts are located .375 to .500 from the inside edge of mounting clips to the diode body. TA = 25 oC, +8, -2oC.
Electrical Characteristics @ 25 O C. Part # Jedec Type # (1) 1N5368B 1N5369B 1N5370B 1N5371B 1N5372B 1N5373B 1N5374B 1N5375B 1N5376B 1N5377B 1N5378B 1N5379B 1N5380B 1N5381B 1N5382B 1N5383B 1N5384B 1N5385B 1N5386B 1N5387B 1N5388B Nominal Zener Voltage (2), VZ (V) 47 51 56 60 62 68 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200 Test Current I ZT (mA) 25 25 20 20 20 20 20 15 15 15 12 12 10 10 8.0 8.0 8.0 8.0 5.0 5.0 5.0
Max. Zener Impedance (2)
Z ZT @ I ZT () 25 27 35 40 42 44 45 65 75 75 90 125 170 190 230 330 350 380 430 450 480
Z ZK @ I ZK = 1.0mA () 210 230 280 350 400 500 620 720 760 760 800 1000 1150 1250 1500 1500 1650 1750 1750 1850 1850
Max. Reverse Leakage Current @ VR
IR (A) 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
VR (V)
Max. Surge Current (3) Ir (A)
35.8 38.8 42.6 42.5 47.1 51.7 56 62.2 66 69.2 76 83.6 91.2 98.8 106 114 122 129 137 144 152
2.7 2.5 2.3 2.2 2.1 2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.2 1.1 1.1 1.0 1.0 0.9 0.9
Page 12-19


▲Up To Search▲   

 
Price & Availability of 1N5342B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X